Part Number Hot Search : 
TECB22A UM2640 2SA1859 SDL400 1N5819 2RS2H40T MA2B182 ST6020A
Product Description
Full Text Search
 

To Download AQW210HLAX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AQW210HL
GU (General Use) Type 2-Channel (Form A) Current Limit Function Type FEATURES
9.86 .388 6.4 .252 3.2 .126
TESTING
PhotoMOS RELAYS
4. Compact 8-pin DIP size The device comes in a compact (W)6.4 x (L)9.86 x (H) 3.2mm (W).252x (L).388 x (H).126inch, 8-pin DIP size (through hole terminal type) 5. Applicable for 2 Form A use as well as two independent 1 Form A use. 6. Controls low-level analog signals 7. High sensitivity, high speed response. Can control a maximum 0.12 A load current with a 5 mA input current. Fast operation speed of 0.5ms (typ.) 8. Low-level off state leakage current
9.86 .388
6.4 .252 2.9 .114
mm inch
1 2 3 4 8 7 6 5
1. Current Limit Function To control an over current from flowing, the current limit function has been realized. It keeps an output current at a constant value when the current reaches a specified current limit value. 2. Enhancing the capability of surge resistance between output terminals The current limit function controls the ON time surge current to enhance the capability of surge resistance between output terminals. 3. Reinforced insulation 5,000 V type More than 0.4 mm internal insulation distance between inputs and outputs. Conforms to EN41003, EN60950 (reinforced insulation).
TYPICAL APPLICATIONS
* Telephone equipment * Modem
TYPES
Part No. Output rating* Type I/O isolation voltage Load voltage AC/DC type Reinforced 5,000 V AC Load current Through hole terminal Tube packing style Surface-mount terminal Tape and reel packing style Picked from the Picked from the 1/2/3/4-pin side 5/6/7/8-pin side AQW210HLAX AQW210HLAZ Packing quantity
Tube 1 tube contains 40 pcs. 1 batch contains 400 pcs.
Tape and reel
350 V
120 mA
AQW210HL
AQW210HLA
1,000 pcs.
*Indicate the peak AC and DC values. Note: For space reasons, the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal.
RATING
1. Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Peak forward current Power dissipation Load voltage (peak AC) Continuous load current Symbol IF VR IFP Pin VL IL Pout PT Viso Topr Tstg AQW210HL(A) 50 mA 3V 1A 75 mW 350 V 0.1 A (0.12 A) 800 mW 850 mW 5,000 V AC -40C to +85C -40F to +185F -40C to +100C -40F to +212F Remarks
Input
f = 100 Hz, Duty factor = 0.1%
Output
( ): in case of using only 1 channel Peak AC, DC
Power dissipation Total power dissipation I/O isolatiom voltage Operating Temperature limits Storage
Non-condensing at low temperatures
110
AQW210HL
2. Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage On resistance Maximum Output Off state leakage current Current limit Turn on time* Turn off time* I/O capacitance Initial I/O isolation resistance Maximum Typical Typical Maximum Typical Maximum Typical Maximum Minimum ILeak -- Ton Toff Ciso Riso Typical Maximum Minimum Typical Minimum Typical Typical Ron Symbol IFon IFoff VF AQW210HL(A) 1.2 mA 3.0 mA 0.4 mA 1.1 mA 1.14 (1.25 V at IF = 50mA) 1.5 V 20 25 1A 0.18 A 0.5 ms 2.0 ms 0.08 ms 1.0 ms 0.8 pF 1.5 pF 1,000 M Condition IL = Max. IL = Max. IF = 5 mA IF = 5 mA IL = Max. Within 1 s on time IF = 0 VL = Max. IF = 5 mA IF = 5 mA IL = Max. IF = 5 mA IL = Max. f = 1 MHz VB = 0 500 V DC For type of connection, see page 32.
Transfer characteristics
Note: Recommendable LED forward current IF= 5 to 10 mA.
*Turn on/Turn off time
Input
90% Output Ton Toff 10%
s For Dimensions, see Page 27. s For Schematic and Wiring Diagrams, see Page 32. s For Cautions for Use, see Page 36.
REFERENCE DATA
1. Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F
200
2. On resistance vs. ambient temperature characteristics
Measured portion: between terminals 5 and 6, 7 and 8; LED current: 5 mA; Load voltage: Max. (DC) Continuous load current: Max.(DC)
50
3. Turn on time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max.(DC); Continuous load current: Max.(DC)
3 2.5 Turn on time, ms 2 1.5 1
Load current, mA
150
On resistance,
40
30
100
20
50 10 0.5 0
0 -40 -20
0
20
40
60
80 85 100
0
-40 -20
0
20
40
60
80 85
-40 -20
0
20
40
60
80 85
Ambient temperature, C
Ambient temperature, C
Ambient temperature, C
111
AQW210HL
4. Turn off time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max.(DC); Continuous load current: Max.(DC)
0.3 LED operate current, mA 0.25 Turn off time, ms 0.2 0.15 0.1 0.05 0
5. LED operate current vs. ambient temperature characteristics
Load voltage: Max.(DC); Continuous load current: Max.(DC)
5
6. LED turn off current vs. ambient temperature characteristics
Load voltage: Max.(DC); Continuous load current: Max.(DC)
5 LED turn off current, mA
4
4
3
3
2
2
1
1
-40 -20
0
20
40
60
80 85
0
-40 -20
Ambient temperature, C
0 20 40 60 80 85 Ambient temperature, C
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
7. LED dropout voltage vs. ambient temperature characteristics
LED current: 5 to 50 mA
1.5 LED dropout voltage, V 1.4 1.3 1.2 1.1 1.0 0 50mA 30mA 20mA 10mA 5mA
8. Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 5 and 6, 7 and 8; Ambient temperature: 25C 77F
140 120 100 80 60 40 20 -5 -4 -3 -2 -1 Current, mA 1234 -20 Voltage, V -40 -60 -80 -100 -120 -140 5
9. Off state leakage current
Measured portion: between terminals 5 and 6, 7 and 8; Ambient temperature: 25C 77F
Off state leakage current, A
10
-3
10
-6
10
-9
10
-12
-40 -20
0
20 40 60 80 85 Ambient temperature, C
0
20
40
60
80
100
Load voltage, V
10. LED forward current vs. turn on time characteristics
Measured portion: between terminals 5 and 6, 7 and 8; Load voltage: Max.(DC); Continuous load current: Max.(DC); Ambient temperature: 25C 77F
3 2.5 Turn on time, ms
11. LED forward current vs. turn off time characteristics
Measured portion: between terminals 5 and 6, 7 and 8; Load voltage: Max.(DC); Continuous load current: Max.(DC); Ambient temperature: 25C 77F
0.2
12. Applied voltage vs. output capacitance characteristics
Measured portion: between terminals 5 and 6, 7 and 8; Frequency: 1 MHz; Ambient temperature: 25C 77F
50 Output capacitance, pF
Turn off time, ms
40
0.15
2 1.5 1
30
0.1
20
0.05 0.5 0 0
10
10
20
30
40
50
60
0
10
20
30
40
50
60
0
0
10
20
30
40
50
LED forward current, mA
LED forward current, mA
Applied voltage, V
What is current limit
When a load current reaches the specified output control current, a current limit function works against the load current to keep the current a constant value. The current limit circuit built into the PhotoMOS relay thus controls the instantaneous load current to effectively ensure circuit safety. This safety feature protects circuits downstream of the PhotoMOS relay against over-current. But, if the current-limiting feature is used longer than the specified time, the PhotoMOS relay can be destroyed. Therefore, set the output loss to the max. rate or less. * Comparison of output voltage and output current characteristics V-I Characteristics
Output current
Output voltage
5/7/2001 112
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQW210HLAX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X